PART |
Description |
Maker |
TC74HC541A TC74HC541AF TC74HC541AFW TC74HC541AP |
OCTAL BUS BUFFER NON-INVERTING, 3-STATE OUTPUTS (TC74HC540A / TC74HC541A) OCTAL BUS BUFFER INVERTING/NON-INVERTING 3-STATE OUTPUTS
|
Toshiba Semiconductor
|
MM74HCT240 MM74HCT240MTC MM74HCT240N MM74HCT240SJ |
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer From old datasheet system Precision Air-Core Tach/Speedo Driver with Return to Zero; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
N74F620D N74F620N N74F623N 74F620 74F623 N74620D N |
Octal bus transceiver, inverting 3tate 八路总线收发器,反相3tate Octal bus transceiver, non-inverting (3-State)(八通道总线收发器,同向(三态)) Octal bus transceiver / inverting 3tate From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74VHC240DTR2G MC74VHC240DWR2G MC74VHC24011 |
Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
|
ON Semiconductor
|
MC74VHCT244ADT MC74VHCT244A ON1748 MC74VHCT244ADW |
From old datasheet system OCTAL BUS BUFFER/LINE DRIVER INVERTING WITH 3-STATE OUTPUTS Octal Bus Buffer/Line Driver with 3-State Outputs
|
http:// ON Semiconductor Motorola
|
HCTS245MS HCTS245KMSR HCTS245K HCTS245HMSR FN2360 |
From old datasheet system Radiation Hardened Octal Bus Transceiver Three-State Non-Inverting Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125 HCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, CDFP20 Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting HCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, UUC24 Radiation Hardened Octal Bus Transceiver/ Three-State/ Non-Inverting
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
74HCT7540 74HC7540 74HC7540DB 74HC7540N 9339678601 |
HC/UH SERIES, OCTAL 1-BIT DRIVER, INVERTED OUTPUT, PDSO20 Octal Schmitt trigger buffer-line driver; 3-state; inverting Octal Schmitt trigger buffer/line driver 3-state inverting Octal Schmitt trigger buffer/line driver; 3-state; inverting
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MM74C240 MM74C240N MM74C240WM MM74C244N MM74C244WM |
Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
M74HC36501 M74HC365 M74HC365M1R M74HC365RM13TR M74 |
BUS BUFFER (3-STATE) (NON INVERTING) HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
|
ST Microelectronics STMicroelectronics
|
M74HC366 M74HC366M1R M54HC365 M54HC365B1R M54HC365 |
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
|
STMICROELECTRONICS[STMicroelectronics]
|